Part Number Hot Search : 
TA1690A 4LVX1 74270022 UR18650F 1N750A RN5002 HD120 240128
Product Description
Full Text Search
 

To Download TMR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 4 dc/dc converters tmr 1 & tmr 1sm series, 1 watt order code sip-package order code smd-package input voltage range output voltage output current max. effciency sip typ. effciency smd typ. tmr 1-0511 tmr 1-0511sm 5.0 vdc 200 ma 76 % 78 % tmr 1-0512 tmr 1-0512sm 12 vdc 83 ma 77 % 79 % tmr 1-0513 tmr 1-0513sm 4.5 C 9.0 vdc 15 vdc 67 ma 79 % 81 % tmr 1-0515 (5 vdc nominal) 24 vdc 42 ma 76 % tmr 1-0522 tmr 1-0522sm 12 vdc 42 ma 77 % 79 % tmr 1-0523 tmr 1-0523sm 15 vdc 33 ma 78 % 80 % tmr 1-1211 tmr 1-1211sm 5.0 vdc 200 ma 77 % 79 % tmr 1-1212 tmr 1-1212sm 12 vdc 83 ma 77 % 79 % tmr 1-1213 tmr 1-1213sm 9.0 C 18 vdc 15 vdc 67 ma 80 % 82 % tmr 1-1215 (12 vdc nominal) 24 vdc 42 ma 77 % tmr 1-1222 tmr 1-1222sm 12 vdc 42 ma 79 % 81 % tmr 1-1223 tmr 1-1223sm 15 vdc 33 ma 78 % 80 % tmr 1-2411 tmr 1-2411sm 5.0 vdc 200 ma 77 % 79 % tmr 1-2412 tmr 1-2412sm 12 vdc 83 ma 80 % 82 % tmr 1-2413 tmr 1-2413sm 18 C 36 vdc 15 vdc 67 ma 80 % 82 % tmr 1-2415 (24 vdc nominal) 24 vdc 42 ma 77 % tmr 1-2422 tmr 1-2422sm 12 vdc 42 ma 80 % 82 % tmr 1-2423 tmr 1-2423sm 15 vdc 33 ma 80 % 82 % tmr 1-4811 tmr 1-4811sm 5.0 vdc 200 ma 77 % 79 % tmr 1-4812 tmr 1-4812sm 12 vdc 83 ma 78 % 80 % tmr 1-4813 tmr 1-4813sm 36 C 75 vdc 15 vdc 67 ma 78 % 80 % tmr 1-4815 (48 vdc nominal) 24 vdc 42 ma 76 % tmr 1-4822 tmr 1-4822sm 12 vdc 42 ma 79 % 81 % tmr 1-4823 tmr 1-4823sm 15 vdc 33 ma 79 % 81 % models features wide 2:1 input voltage range compact sip-6 or smd package fully regulated outputs cost optimised design no minimum load required continuous short circuit protection temperature range C40c to +85c i/o isolation 1500 vdc remote on/off control (smd) 3-year product warranty the tmr-1 and tmr 1sm series are families of isolated 1 w dc-dc converter mod - ules with regulated output, featuring wide 2:1 input voltage ranges. these products come in a compact sip-6 or smd package with small footprint occupying only 1.2 cm 2 (0.2 square inch) of board space. an excellent effciency allows C40c to +85c operation temperature. further fea - tures include remote on/off control (smd-version) and continuous short circuit protection. the compact dimensions and cost optimised design make this converters an ideal solution for applications in communication equipment, instrumentation and industrial electronics. c b scheme ul 60950 -1 http://www.tracopower.com
page 2 of 4 all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. dc/dc converters tmr 1 & tmr 1sm 1 watt input specifications input current at no load (nominal input voltage) 5.0 v models: 40 ma typ. 12 v models: 20 ma typ. 24 v models: 10 ma typ. 48 v models: 7 ma typ. surge voltage (1 sec. max.) 5.0 v models: 15 v max. 12 v models: 25 v max. 24 v models: 50 v max. 48 v models: 100 v max. start-up voltage / under voltage lockout 5.0 v models: 4.5 vdc / 4 vdc or lower 12 v models: 9 vdc / 8.5 vdc or lower 24 v models: 18 vdc / 17 vdc or lower 48 v models: 36 vdc / 34 vdc or lower long term operation at undervoltage will damage the converter! conducted noise (input) en 55022 level a, fcc part 15, level a with external capacitor . see emc consideration recommended input fuse (slow blow) 5 v models: 500 ma 12 v models: 250 ma 24 v models: 120 m a 48 v models: 60 ma output specifications voltage set accuracy 1 % max. regulation C input variation vin min. to vin max. 0.2 % max. C no load to full load single & dual output models: 1.0 % max. C load variation 10 C 90% single output models: 0.5 % max. dual output models: 0.8 % max. minimum load no minimum load required temperature coefficient 0.02 %/k ripple and noise (20 mhz bandwidth) smd models: 30 mvp-p max. sip models: 50 mvp-p max. transient response setting time (25% load step change) 250 s typ. (pfm) transient response deviation 5 % max. current limitation >120 % of iout max. over load protection (foldback) 130 % short circuit protection continuous, automatic recovery capacitive load 5 vdc models: 1680 f max. 12 vdc models: 820 f max. 15 vdc models: 680 f max. 24 vdc models: 470 f max. 12 vdc models : 470 f max. (each output) 15 vdc models: 330 f max. (each output) general specifications temperature ranges C operating sip models: C40c to +85c with no derating smd models: C40c to +82c with derating C case temperature +105c (sip) / +95c (smd) max. C storage C55c to +125c load derating smd models: 7.2 %/k above +75c humidity (non condensing) 95 % rel. h max. reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) >2.8 mio h http://www.tracopower.com
page 3 of 4 dc/dc converters tmr 1 & tmr 1sm 1 watt general specifications isolation voltage (60 sec.) C input/output 1500 vdc isolation capacitance C input/output 50 pf max. isolation resistance C input/output (500 vdc) >1 gohm switching frequency 220 khz (pfm) safety standards can/csa-c22.2 no 60950-1-07 incl. am1 (2011) ansi/ul std no 60950-1, 2nd ed. incl. am1 (2011) iec 60950-1:2005 (2nd edition); +a1:2009 en 60950-1:2006+a11:2009+a1:2010+a12:2011 C certification documents www.tracopower.com/overview/TMR1 remote on/off C on: < 0.6 vdc or open circuit (smd models only) C off: 2.7 to 15 vdc ( ref. to Cvin) C off standby current: 2.5 ma max. C off control input current: 1 ma max. physical specifications casing material non-conductive plastic (ul94v-0 rated) potting material (for sip-package models) e p ox y, (ul 94v-0 rated) weight 3.1 g ( 0 .11o z ) (sip)/3.3 g ( 0.12o z ) (smd) soldering profile for sip-package models max. 265c / 10 sec. (wave soldering) lead-free reflow solder process for smd-package models as per j-std-020d.01 (to find at: www.jedec.org - free registration required) washing process (for smd-package) not recommended. product non-hermetical. moisture sensivity level (for smd-package models) level 2a as per j-std-033b.01 (to find at: www.jedec.org - free registration required) environmental compliance C reach www.tracopower.com/overview/TMR1 C rohs rohs directive 2011/65/eu emc consideration +v in -v in +v out -v out c1 c2 l1 load +v in -v in +v out -v out c1 c2 l1 load com. load single output models input models c1 c2 l1 5 vdc 4.7 f /50v, 1210 x7r 4.7 h / 1.2 a, sr0302 12 vd c 4.7 f /50v, 1210 x7r 4.7 h / 1.2 a, sr0302 24 vdc sip 4.7 f /50v, 1210 x7r 18 h / 0.58 a, sr0302 24 vdc smd 4.7 f /50v, 1210 x7r 220pf /2 kv, 1808 x7r 12 h / 0.75 a, sr0302 48 vdc sip 4.7 f /100v 1210 x7r 18 h / 0.58a, sr0302 48 vdc smd 2.2 f / 00v 1210 x7r 18 h / 0.58a, sr0302 dual output models filter suggestion for to comply with en55022 class a conducted noise emission
page 4 of 4 sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com rev. march 21. 2016 dc/dc converters tmr 1 & tmr 1sm 1 watt pin single output dual output 1 Cvin (gnd) Cvin (gnd) 2 +vin (vcc) +vin (vcc) 4 +vout +vout 5 no pin common 6 Cvout Cvout pinout ottom view 1 2 6 5 2.5 2.54 0.5 2.3 0.4 2.54 17.0 (0.67) 5.08 (0.2) 2.54 0.5 (0.02) 11.0 (0.4) 3.2 (0. 13 ) (0.02) 0.5 (0.02) (0.1) (0.1) (0.1) (0.09 0.02 ) 7.62 (0.30) (0.10) (0.02) 4 0.5 0.25 (0.01) dimensions in [mm], () = inch tolerances: 0.5 (0.02) pin pitch tolerances: 0.25 (0.01) sip-package smd-package 1 7 6 14 8 9 2 13 .7 [0 .54] 17 .2 [0 .68] 8.45 [0.33] 8.7 [0.34] 0.25 [0 .01] 1.00 [0 .04] 18 .9 [0.7 4] 12 .7 [0.5 ] [0 .1 ] 2. 54 1.8 [0 .1] t op v iew 0 ~ 4 s seatin g plan e 0.15 s 1.1 [0 .04] 15.0 [0.6 ] 4.0 [0 .16] 5.5 [0 .22] ? 1.5 [ ? 0.06 ]v ent hole on bottom side (for reflow soldering process) pin single output dual output 1 ?vin (gnd) ?vin (gnd) 2 remote on/off remote on/off 6 ntc common 7 ntc Cvout 8 +vout +vout 9 Cvout common 14 +vin +vin pinout ntc not to connect to electrical circuit 13 .7 [0.54] 18 .6 [0.73] 1.6 [0 .06] 15 .24 [0.6 ] 16.1 5 [0.64] 2.54 [0 .1 ] 2.4 [0.1 ] solder pad dimensions outline dimensions mm (inches)


▲Up To Search▲   

 
Price & Availability of TMR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X